Part Number Hot Search : 
LTC1660 DF6109A R5001015 Y100E IPB05 A0512 LAN91 721A240
Product Description
Full Text Search
 

To Download MBR50005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR10/15/25/35/50A SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT - 50 to 1000Volts - 10/15/25/35/50 Amperes MBR
METAL HEAT SINK .335(8.5) .295(7.5) .921(23.4) .882(22.4) 0.94 (2.4) diam .254(6.45) .242(6.15) 1.133(28.8) 1.114(28.3) .673(17.1) .634(16.1)
FEATURES
Surge overload -240~500 amperes peak Low forward voltage drop Mounting position: Any Electrically isolated base -2000 Volts Solderable 0.25" FASTON terminals Materials used carries U/L recognition
.035(0.9) .028(0.7) Hole for No.8 screw 193"(4.9)diam
.732(18.6) .693(17.6)
.673(17.1) .634(16.1) 1.130(28.7) 1.114(28.3)
.583(14.8) .543(13.8)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60HZ. For capacitive load current by 20%
MBR MBR 1001 1501 2501 3501 5001 100 70 10 MBR 10 240 MBR 15 MBR 1002 1502 2502 3502 5002 200 140 15 300 MBR 25 MBR 1004 1504 2504 3504 5004 400 280 25 400 MBR 35 MBR 1006 1506 2506 3506 5006 600 420 MBR 1008 1508 2508 3508 5008 800 560 35 400 MBR 50 MBR 1010 1510 2510 3510 5010 1000 700 50 500 V V A UNIT 10005 SYMBOL 15005 25005 35005 50005 Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 5.0/7.5/12.5/17.5/25.0 Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Operating Temperature Rang Storage Temperature Rang @TA=25 VF IR TJ TSTG 1.1 10.0 -55 to +125 -55 to +125 V A IFSM @Tc=55 VRRM VRMS I(AV) 50 35
CHARACTERISTICS
A
~
~
RATING AND CHARACTERISTIC CURVES MBR10/15/25/35/50A SERIES
FIG.1-MAXIMUM FORWARD SURGE CURRENT 600 PEAK FORWARD SURGE CURRENT , AMPERES
MBR50
500
MBR25/35
AVERAGE FORWARD OUTPUT CURRENT , AMPERES
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT 50 40
MBR35
MBR50
400
MBR15
300 200 100
MBR10
30
20
MBR25
10 0
MBR15 MBR10
0 1 10 NUMBER OF CYCLES AT 60Hz 100
50
100
150
CASE TEMPERATURE,C
FIG.4-TYPICAL FORWARD CHARACTERISTICS
MBR35/50
100
MBR15 MBR25 MBR10
FIG.5-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT , AMPERES
10
INSTANTANEOUS REVERSE CURRENT , MICROAMPERES
10
1.0
1.0
0.1
0.1
TJ=25C
0.01 0 20 40 60 80 100 120 140
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6 PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~
~


▲Up To Search▲   

 
Price & Availability of MBR50005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X